Part Number Hot Search : 
SC470 BZM55C43 STM9435 XXXGPX AS8501 MAX11 MT9173 330M35
Product Description
Full Text Search
 

To Download RL156 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RL151 THRU RL157
GENERAL PURPOSE PLASTIC RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 1.5 Amperes
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 High surge current capability 1.5 ampere operation at TL=75 with no thermal runaway Low reverse leakage Construction utilizes void-free molded plastic technique High temperature soldering guaranteed: 250 /10 seconds, 0.375 (9.5mm) lead length, 5 lbs. (2.3Kg) tension
Mechanical Data
Case: DO-15 molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.014 ounce, 0.39 gram
DIM ENSIONS DIM A B C D inches Min. 0.228 0.102 0.028 1.000 Max. 0.299 0.142 0.034 Min. 5.8 2.6 0.71 25.40 mm Max. 7.6 3.6 0.86 Note
Maximum Ratings and Electrical Characteristics
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Symbols
RL151
RL152
RL153
RL154
RL155
RL156
RL157
Units
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at TA=75 Peak forward surge current, 8.3mS single half sine-wave superimposed on rated load (MIL-STD-750D 4066 method) Maximum instantaneous forward voltage at 1.5A DC Maximum DC reverse current at rated DC blocking voltage TA=25 TA=100
VRRM VRMS VDC I(AV) IFSM VF IR CJ R
JA
50 35 50
100 70 100
200 140 200
400 280 400 1.5 60.0 1.0 5.0 50.0 20.0 50.0 -65 to +175
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps Amps Volts A F /W
Typical junction capacitance (Note 1) Typical thermal resistance Operating and storage temperature range
Note: (1) Measured at 1.0MHz and applied reverse voltage of 4.0 volts
TJ, TSTG
1
RATINGS AND CHARACTERISTIC CURVES
2


▲Up To Search▲   

 
Price & Availability of RL156

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X